PART |
Description |
Maker |
NDL5551P1 NDL5551P2 NDL5553P NDL5553P1 NDL5553P1S |
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE 1 000 600 nm的光纤通信80毫米铟镓砷PIN光电二极管模
|
NEC, Corp. NEC Corp. NEC[NEC]
|
HVR3-XX HVR3-12 HVR3-7 HVR3-9 HVR3-X |
Voltage 7,000 - 12,000V Current 350 mA 电压7,000 - 12,000 V电流350毫安 HVR3-7 to HVR3-12
|
Electronic Theatre Controls, Inc. Fagor Electronic Components ETC[ETC] List of Unclassifed Manufacturers
|
APG2C1-385 |
Struture: InGaN Peak Wavelength: 365 nm Optical Output Power: typ. 60 mW Life Time 10.000 hours
|
Roithner LaserTechnik GmbH
|
SPA513 |
1 AMP, 15,000 to 20,000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
|
SSDI[Solid States Devices, Inc]
|
M160FF3 M160FF5 M160FFX M50FF3 M50FFX M50FF5 |
16000 V rectifier 10-40 mA forward current,50 ns recovery time 5,000 V - 16,000 V Rectifiers
|
Voltage Multipliers List of Unclassifed Manufacturers
|
SPJ450S SPJ100S SPJ150S SPJ200S SPJ250S SPJ300S SP |
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
ATMEGA128A1 |
Write/Erase cycles: 10,000 Flash/100,000 EEPROM
|
ATMEL Corporation
|
X150FG X200FG |
15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
SC9016-000 |
(SC9016-000 / SC9017-000) Fet Chip Mounting Capacit
|
Alpha
|
1N6836 1N6837 1N6838 1N6839 1N6513U |
2,000 V - 5,000 V Rectifiers 0.5 A - 1.5 A Forward Current 30 ns - 50 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
9605R1.7KL2.0 9610R3.4KL2.0 9615R5.1KL2.0 |
1,000,000 Full Cycles; 5,000,000 Dither Cycles
|
List of Unclassifed Man...
|
Z20FF5 Z50FF3 Z50FF5 Z100FF3 Z100FF5 Z20FF3 |
From old datasheet system 2,000 V - 10,000 V Rectifiers
|
ETC[ETC]
|